Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EV-2 Datasheet(PDF) 4 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 4 Page - Cirrus Logic

  EV-2 Datasheet HTML 1Page - Cirrus Logic EV-2 Datasheet HTML 2Page - Cirrus Logic EV-2 Datasheet HTML 3Page - Cirrus Logic EV-2 Datasheet HTML 4Page - Cirrus Logic EV-2 Datasheet HTML 5Page - Cirrus Logic EV-2 Datasheet HTML 6Page - Cirrus Logic EV-2 Datasheet HTML 7Page - Cirrus Logic EV-2 Datasheet HTML 8Page - Cirrus Logic EV-2 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Rev. 2.1
4
CobraNet™ EV-2
Introduction
The EV-2 provides a means of evaluating the CM-1 or CM-2 CobraNet™ Modules and the Cirrus
Logic CobraNet Silicon Series of devices. In addition to evaluating the CM-1 or CM-2 (hereafter
collectively referred to as the CM except where differences between the CM-1 and CM-2 exist),
the user may also use the EV-2 as a development platform and as an example interface for CMs,
the Cobranet Silicon Series, and other CobraNet related projects. The EV-2 connects to the CM
via the module's host interface. An 8051-type microcontroller interfaces to the CM's host port,
and a simple audio router on the EV-2 allows multiple audio inputs and outputs to connect to the
CM's serial audio interface. The EV-2 software provides a simple interface for audio routing on
the EV-2, as well as development support.
Features*:
Analog audio I/O: Two channels of analog audio input converted to high quality, 24-bit, 48
kHz or 96 kHz digital audio. Two channels of 24-bit, 48 kHz or 96 kHz digital audio con-
verted to high quality, analog audio output. Refer to Appendix B for audio I/O specifica-
tions.
Digital audio I/O: One stream of AES3 input and one stream of AES3 output. An AES3
stream is two channels of digital audio. The AES3 input stream is sample rate converted.
8051-type microcontroller: 64kB on-chip Flash Program Memory, 1kB internal SRAM,
32kB external SRAM and in-system programmability.
Field programmability: The supplied EV-2 software provides a means to reprogram EV-2
microcontroller firmware for field upgrades or user development.
RS232 Interfaces: Two RS232 interfaces, one direct to the CM and another to the micro-
controller.
Figure 1. EV-2 Block Diagram
Analog
Input
Analog
Output
C
M
M
O
D
U
L
E
I
N
T
E
R
F
A
C
E
VCXO
ADC
DAC
AES
LEDs
SRAM
Hex
Switches
RS232
Interfaces
FPGA
8051
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com