Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EV-2 Datasheet(PDF) 10 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button EV-2 Datasheet HTML 6Page - Cirrus Logic EV-2 Datasheet HTML 7Page - Cirrus Logic EV-2 Datasheet HTML 8Page - Cirrus Logic EV-2 Datasheet HTML 9Page - Cirrus Logic EV-2 Datasheet HTML 10Page - Cirrus Logic EV-2 Datasheet HTML 11Page - Cirrus Logic EV-2 Datasheet HTML 12Page - Cirrus Logic EV-2 Datasheet HTML 13Page - Cirrus Logic EV-2 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Rev. 2.1
10
CobraNet™ EV-2
Select the appropriate PC serial port. The software will attempt to make contact with the
EV-2.
Once communication is established, the routing can then be configured. (See Figure 5
below for an example of a routing scheme.)
The default on power up state of the EV-2 is for the ADC and DAC to be the source and sink
respectively, using the CM’s SSI #0 I/O stream. The audio is then transmitted/received via a
CobraNet Bundle to/from the other CM. This allows evaluation of the CobraNet module in the
analog domain without any configuration.
The EV-2 software also has a programming mode that may be used to perform field updates of
the EV-2 microcontroller code. For more information about the programming mode, please refer
to the section Programming the Microcontroller below.
Besides the Route panel, the HMI panel under the Panels menu allows the user to configure
some HMI variables for evaluation purposes. From the HMI panel the user can set receiver and
transmitter bundle assignments as well as changes latency, data format, and sample rate.
The Peek menu provides a means to view HMI variables. In the various panels under Peek,
items that are in an indented text field are ones which are read/write. These can not be changed
from the Peek panels but are there to alert the user that these are variables that could be
changed via SNMP or the Host port.
Figure 5. Screen Shot of EV-2 Software - Audio Routing Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com