Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2172 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2172 Datasheet HTML 1Page - Monolithic Power Systems MP2172 Datasheet HTML 2Page - Monolithic Power Systems MP2172 Datasheet HTML 3Page - Monolithic Power Systems MP2172 Datasheet HTML 4Page - Monolithic Power Systems MP2172 Datasheet HTML 5Page - Monolithic Power Systems MP2172 Datasheet HTML 6Page - Monolithic Power Systems MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
3
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to +125°C (6), unless otherwise noted, typical values are at TJ = +25°C.
Parameter
Symbol Condition
Min
Typ
Max
Units
Quiescent current
IQ
VIN = 5V, VEN = 2V,
VFB = 0.63V, no switching
520
720
μA
Supply current (shutdown)
ISHDN
VEN = 0V, TJ = +25°C
0.1
2
μA
VEN = 0V, TJ = -40°C to +125°C
0.1
35
Feedback voltage
VFB
TJ = +25°C
591
600
609
mV
TJ = -40°C to +125°C
588
600
612
Feedback current
IFB
VFB = 0.63V
10
100
nA
P-FET switch on resistance
RDSON_P
80
120
mΩ
N-FET switch on resistance
RDSON_N
45
75
mΩ
Switch leakage
VEN = 0V, VIN = 5V, VSW = 0V
and 5V, TJ = +25°C
0.1
2
μA
VEN = 0V, VIN = 5V, VSW = 0V
and 5V, TJ = -40°C to +125°C
0.1
35
P-FET current limit
TJ = +25°C
3.4
4.5
6
A
On time
tON
VIN = 3.3V, VOUT = 1.2V
135
150
180
ns
VIN = 3.3V, VOUT = 1.8V
190
210
270
VIN = 5V, VOUT = 1.2V
95
110
130
VIN = 5V, VOUT = 1.8V
130
150
190
Switching frequency
fs
VIN = 3.3V, VOUT = 1.2V
1850
2400
2700
kHz
VIN = 3.3V, VOUT = 1.8V
2000
2600
2800
VIN = 5V, VOUT = 1.2V
1850
2200
2500
VIN = 5V, VOUT = 1.8V
1850
2380
2700
Minimum off time
tMIN-OFF
VIN = 3.3V, VOUT = 1.2V
60
90
ns
VIN = 3.3V, VOUT = 1.8V
VIN = 5V, VOUT = 1.2V
30
50
ns
VIN = 5V, VOUT = 1.8V
Soft-start time (5)
tSS-ON
VIN = 3.6V, VOUT = 1.5V, 10% to
90%
0.6
1.3
2.2
ms
Soft-stop time (5)
tSS-OFF
VIN = 3.6V, VOUT = 1.5V, 90% to
10%
0.4
0.9
1.6
ms
Power good upper trip
threshold rising
PGH-R
FB rising when PG turns to high
voltage
110
115
120
%
Power good upper trip
threshold falling
PGH-F
FB falling when PG turns to
high voltage
105
110
115
%
Power good upper trip
hysteresis
PGH_Hys
5
%
Power good lower trip
threshold rising
PGL-R
FB rising when PG turns to high
voltage
85
90
95
%
Power good lower trip
threshold falling
PGL-F
FB falling when PG turns to
high voltage
80
85
90
%
Power good lower trip
hysteresis
PGL-Hys
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com