Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2172 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2172 Datasheet HTML 4Page - Monolithic Power Systems MP2172 Datasheet HTML 5Page - Monolithic Power Systems MP2172 Datasheet HTML 6Page - Monolithic Power Systems MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems MP2172 Datasheet HTML 10Page - Monolithic Power Systems MP2172 Datasheet HTML 11Page - Monolithic Power Systems MP2172 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
8
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.3V, VOUT = 1.2V, L = 1μH, COUT = 22μF, TA = +25°C, unless otherwise noted.
Start-Up through EN
IOUT = 0A
Start-Up through EN
IOUT = 2A
CH3: VEN
2V/div.
CH2: VOUT
1V/div.
CH1: VSW
2V/div.
CH4: IL
1A/div.
CH3: VEN
2V/div.
CH2: VOUT
1V/div.
CH1: VSW
2V/div.
CH4: IL
2A/div.
2ms/div.
2ms/div.
Shutdown through EN
IOUT = 0A
Shutdown through EN
IOUT = 2A
CH3: VEN
2V/div.
CH2: VOUT
1V/div.
CH1: VSW
2V/div.
CH4: IL
1A/div.
CH3: VEN
2V/div.
CH2: VOUT
1V/div.
CH1: VSW
2V/div.
CH4: IL
2A/div.
2ms/div.
2ms/div.
PG in Start-Up through VIN
IOUT = 2A
PG in Shutdown through VIN
IOUT = 2A
CH2: VOUT
1V/div.
CH3: VPG
2V/div.
CH1: VSW
2V/div.
CH4: IL
2A/div.
CH2: VOUT
1V/div.
CH3: VPG
2V/div.
CH1: VSW
2V/div.
CH4: IL
2A/div.
2ms/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com