Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2172 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2172 Datasheet HTML 1Page - Monolithic Power Systems MP2172 Datasheet HTML 2Page - Monolithic Power Systems MP2172 Datasheet HTML 3Page - Monolithic Power Systems MP2172 Datasheet HTML 4Page - Monolithic Power Systems MP2172 Datasheet HTML 5Page - Monolithic Power Systems MP2172 Datasheet HTML 6Page - Monolithic Power Systems MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP2172
5.5V, 2A, 2.6MHz,
Synchronous, Step-Down Switcher
MP2172 Rev. 1.0
www.MonolithicPower.com
1
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2172 is a monolithic, step-down, switch-
mode converter with integrated, internal, power
MOSFETs. The MP2172 can achieve up to 2A
of continuous output current from a 2.5V to
5.5V input voltage with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Full protection features include cycle-by-cycle
current limiting and thermal shutdown.
The MP2172 is ideal for a wide range of
applications, including automotive infotainment,
clusters, telematics, and portable instruments.
The MP2172 requires only a minimal number of
readily
available,
standard,
external
components and is available in a small
TSOT23-8 package.
FEATURES
 Wide 2.5V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Up to 2A Output Current
 80mΩ and 45mΩ Internal Power MOSFET
Switches
 Default 2.6MHz Switching Frequency with
3.3V Input and 1.8V Output
 EN and Power Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Auto Discharge at Power-Off
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a TSOT23-8 Package
APPLICATIONS
 Automotive Infotainment
 Automotive Clusters
 Automotive Telematics
 Low-Voltage I/O System Power
 Handheld/Battery-Powered Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Efficiency
VIN = 3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Vo=1.2V
Vo=1.8V


Similar Part No. - MP2172

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
MP2172CGQFU MPSIND-MP2172CGQFU Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results

Similar Description - MP2172

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com