Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350B-B Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SI5350B-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI5350B-B Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SI5350B-B Datasheet HTML 2Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 3Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 4Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 5Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 6Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 7Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 8Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 9Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Si5350B-B
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 22, 2021
Table 5. AC Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA =–40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCXO Control Voltage Range
Vc
0
VDD/2
VDD
V
VCXO Gain (configurable)
kv
Vc = 10–90% of VDD
18
150
ppm/V
VCXO Control Voltage Linearity
KVL
Vc = 10–90% of VDD
–5
+5
%
VCXO Pull Range
(configurable)*
PR
VDD = 3.3 V
Vc = 10–90% of VDD
±30
0
±240
ppm
VCXO Modulation Bandwidth
10
kHz
Power-Up Time
TRDY
From VDD =VDDmin to valid
output clock, CL =5pF,
fCLKn > 1 MHz
—2
10
ms
Power-Up Time, PLL Bypass
Mode
TBYP
From VDD =VDDmin to valid
output clock, CL =5pF,
fCLKn > 1 MHz
—0.5
1
ms
Output Enable Time
TOE
From OEB assertion to valid
clock output, CL =5pF,
fCLKn > 1 MHz
——
10
µs
Output Frequency Transition
Time
TFREQ
fCLKn > 1 MHz
10
µs
Spread Spectrum Frequency
Deviation
SSDEV
Down spread.
Selectable in 0.1% steps.
–0.1
–2.5
%
Center spread.
Selectable in 0.1% steps.
±0.1
±1.5
%
Spread Spectrum Modulation
Rate
SSMOD
30
31.5
33
kHz
*Note: Contact Skyworks Solutions for VCXO operation at 2.5 V.
Table 6. Input Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Crystal Frequency
fXTAL
25
27
MHz
VC Input Resistance
100
k
P0-P3 Input Low Voltage
VIL_P0-3
–0.1
0.3 x VDD
V
P0-P3 Input High Voltage
VIH_P0-3
0.7 x VDD
—3.60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com