Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350B-B Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SI5350B-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI5350B-B Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SI5350B-B Datasheet HTML 6Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 7Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 8Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 9Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 10Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 11Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 12Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 13Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Si5350B-B
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 22, 2021
Table 12. Thermal Characteristics (Junction-to-Case)
Parameter
Symbol
Test Condition
Package
Value
Unit
Thermal Resistance
Junction to Case1
JC
Still Air
10-MSOP
36
°C/W
16-QFN
82
°C/W
20-QFN
51
°C/W
Notes:
1. Based on board designed per JESD51-1 (Top center of packages used).
Table 13. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Value
Unit
DC Supply Voltage
VDD_max
–0.5 to 3.8
V
Input Voltage
VIN_P0-3
Pins P0, P1, P2, P3
–0.5 to 3.8
V
VIN_VC
VC
–0.5 to (VDD+0.3)
V
VIN_XA/B
Pins XA, XB
–0.5 to 1.3 V
V
Junction Temperature
TJ
–55 to 150
°C
Soldering Temperature
(Pb-free profile)2
TPEAK
260
°C
Soldering Temperature Time at
TPEAK (Pb-free profile)2
TP
20–40
Sec
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. The device is compliant with JEDEC J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com