Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350B-B Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SI5350B-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI5350B-B Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SI5350B-B Datasheet HTML 4Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 5Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 6Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 7Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 8Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 9Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 10Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 11Page - Skyworks Solutions Inc. SI5350B-B Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Si5350B-B
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 22, 2021
Table 8. 25 MHz Crystal Requirements1,2
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—25—
MHz
Load Capacitance
CL
6—
12
pF
Equivalent Series Resistance
rESR
——
150
Crystal Max Drive Level
dL
100
µW
Notes:
1. Crystals which require load capacitances of 6, 8, or 10 pF should use the device’s internal load capacitance for
optimum performance. A crystal with a 12 pF load capacitance requirement should use a combination of the internal 10
pF load capacitance in addition to external 2 pF load capacitance (e.g., by using 4 pF capacitors on XA and XB).
ClockBuilder Pro can be used to configure the internal load capacitors.
2. Refer to “AN551: Crystal Selection Guide” for more details.
Table 9. 27 MHz Crystal Requirements1,2
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—27—
MHz
Load Capacitance
CL
6—
12
pF
Equivalent Series Resistance
rESR
——
150
Crystal Max Drive Level Spec
dL
100
µW
Notes:
1. Crystals which require load capacitances of 6, 8, or 10 pF should use the device’s internal load capacitance for
optimum performance. A crystal with a 12 pF load capacitance requirement should use a combination of the internal
10 pF load capacitance in addition to external 2 pF load capacitance (e.g., by using 4 pF capacitors on XA and XB).
ClockBuilder Pro can be used to configure the internal load capacitors.
2. Refer to “AN551: Crystal Selection Guide” for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com