Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350C-B Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SI5350C-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI5350C-B Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SI5350C-B Datasheet HTML 1Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 2Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 3Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 4Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 5Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 6Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 7Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 8Page - Skyworks Solutions Inc. SI5350C-B Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Si5350C-B
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 22, 2021
3. Electrical Specifications
Table 3. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Core Supply Voltage
VDD
1.71
1.8
1.89
V
2.25
2.5
2.75
V
3.0
3.3
3.60
V
Output Buffer Voltage
VDDOx
1.71
1.8
1.89
V
2.25
2.5
2.75
V
3.0
3.3
3.60
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted. VDD
and VDDOx can be operated at independent voltages. Power supply sequencing for VDD and VDDOx requires that all
VDDOx be powered up either before or at the same time as VDD.
Table 4. DC Characteristics
(VDD = 1.8 V ±5%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current*
IDD
Enabled 3 outputs
20
35
mA
Enabled 4 outputs
21
38
mA
Enabled 8 outputs
25
45
mA
Power Down (PDN = VDD)—
50
µA
Output Buffer Supply
Current (Per Output)*
IDDOx
CL =5pF
2.2
5.6
mA
Input Current
IP1-P3
Pins P1, P2, P3
VP1-P3 <3.6 V
——
10
µA
IP0
Pin P0
30
µA
Output Impedance
ZOI
3.3 V VDDO, default high
drive.
—50
*Note: Output clocks less than or equal to 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com