Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP6605C Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP6605C Datasheet HTML 1Page - MPS Industries, Inc. MP6605C Datasheet HTML 2Page - MPS Industries, Inc. MP6605C Datasheet HTML 3Page - MPS Industries, Inc. MP6605C Datasheet HTML 4Page - MPS Industries, Inc. MP6605C Datasheet HTML 5Page - MPS Industries, Inc. MP6605C Datasheet HTML 6Page - MPS Industries, Inc. MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
5
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCLAMP = 36V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
4.5
12 or 24
60
V
Clamp voltage
VCLAMP
VIN
60
V
Quiescent current
I
Q
VIN = 24V, nENBL = 0, with
no load
1.2
5
mA
Internal MOSFETs
Output on resistance
R
DS(ON)
VIN = 24V, IOUT = 700mA,
TJ = 25°C
350
500
m
Ω
VIN = 24V, IOUT = 700mA,
TJ = 85°C
800
m
Ω
High-side diode forward voltage
VFWD_HS
I
OUT = 700mA
1.1
V
Body diode forward voltage
VFWD_LS
I
OUT = 700mA
1.1
V
Control Logic
Input logic low threshold
VIL
0.7
V
Input logic high threshold
VIH
2.3
V
Input logic hysteresis
ΔVIH
560
mV
Logic input current
IIN(H)
VIH = 5V
20
µA
IIN(L)
VIL = 0.8V
5
µA
Internal pull-up current (A0~A3)
I
PU
To V
PU
40
µA
Internal pull-up voltage (A0~A3)
V
PU
8.1
V
nFAULT, SDA, SDO Outputs (Open-Drain Outputs)
Output low voltage
VOL
IOUT = 5mA
0.5
V
Output high leakage current
IOH
VOUT = 3.3V
1
µA
Protection Circuits
Under-voltage lockout (UVLO)
rising threshold
V
IN_RISE
3.4
4.5
V
Over-current (OC) trip level
IOCP
1.5
4
A
OC deglitch time
tOCP
3.5
µs
OC retry time
tOCR
2.5
mS
Thermal shutdown (5)
TTSD
165
°C
Thermal shutdown hysteresis (5)
∆TTSD
25
°C
Output enable time (5)
tEN
3.3
µs
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com