Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP6605C Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP6605C Datasheet HTML 6Page - MPS Industries, Inc. MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. MP6605C Datasheet HTML 10Page - MPS Industries, Inc. MP6605C Datasheet HTML 11Page - MPS Industries, Inc. MP6605C Datasheet HTML 12Page - MPS Industries, Inc. MP6605C Datasheet HTML 13Page - MPS Industries, Inc. MP6605C Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
10
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MP6605C is a 4-channel low-side driver that
integrates four N-channel power MOSFETs and
four clamp diodes with 1.5A of current capability
per channel. The MP6605C operates across a
wide 4.5V to 60V supply voltage range.
The MP6605C is designed to drive inductive
loads, including unipolar stepper motors and
solenoids.
Unipolar Stepper Operation
A unipolar stepper motor has two windings.
These windings are driven by currents that are
90° out of phase. Each winding has a center tap
that is connected to the power source. The
current is driven through the winding in a push-
pull fashion, meaning that the device alternately
pulls one side of the winding to ground, then it
pulls the other side. This reverses the current,
which then reverses the magnetic field.
After a MOSFET turns off due to the inductance
of the winding, current continues to flow through
the other side of the winding. The current flows
from ground to the power supply through the
opposite MOSFET body diode.
Leakage Inductance Clamp (VCLAMP)
A unipolar stepper motor has a leakage
inductance because the two halves of the
winding are not perfectly coupled. If a MOSFET
turns off, the voltage exceeds 2 x VIN for a short
period. This leakage inductance spike must be
clamped to prevent over-voltage (OV) conditions
on the MOSFETs.
If a switch turns off when driving a solenoid
connected to the VIN pin, current must continue
to flow until the magnetic field decays.
These currents flow through internal diodes at
each output to a common VCLAMP pin.
Generally, the VCLAMP pin is connected to a
transient voltage suppressor that limits the
voltage on the output pins to a maximum of 60V,
regardless of VIN voltage.
If
the outputs do not need to exceed the VIN pin’s
supply, connect VCLAMP to VIN.
RESET and nENBL Operation
Driving the RESET pin active high initializes the
digital logic. The I2C interface and outputs are
disabled while RESET is active.
The nENBL pin controls the output drivers. When
nENBL is low, the outputs are enabled, and
signals on the I2C interface are recognized.
When nENBL is high, the outputs are disabled,
and the I2C interface remains operational.
nENBL has an internal pull-down resistor.
Address Input Pins
The four address input pins (A0~A3) are
intended to either be connected to ground or
floating. These pins are connected to an internal
voltage (about 6V) via an internal pull-up resistor.
This means that these pins require special
consideration when they are driven by a logic
output.
Logic Input Pins
The remaining logic input pins have Schmitt
trigger inputs with a hysteresis. These pins are
compatible with 3V or 5V logic.
Fault Reporting
The MP6605C provides an nFAULT pin that
reports if a fault condition (such as over-current
protection (OCP), over-voltage protection (OVP),
or over-temperature protection (OTP)) occurs.
nFAULT is an open-drain output that is driven
low when a fault condition occurs. If the fault
condition is removed, nFAULT is pulled high by
an external pull-up resistor.
Over-Current Protection (OCP)
OCP circuitry limits the current through the
MOSFETs by disabling the gate driver. If the
device exceeds the OC limit threshold for longer
than the OC deglitch time, all of the MOSFETs
are disabled, and nFAULT is driven low. The
driver automatically re-enables itself after about
2.5ms.
Input Under-Voltage Lockout (UVLO)
Protection
If VIN falls below the under-voltage lockout
(UVLO) threshold voltage, all circuitry in the
device is disabled, and the internal logic is reset.
Operation resumes when VIN rises above the
UVLO threshold.
Over-Temperature Protection (OTP)
If the die temperature exceeds its safe limits, the
outputs are disabled, and nFAULT is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com