Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP6605C Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP6605C Datasheet HTML 3Page - MPS Industries, Inc. MP6605C Datasheet HTML 4Page - MPS Industries, Inc. MP6605C Datasheet HTML 5Page - MPS Industries, Inc. MP6605C Datasheet HTML 6Page - MPS Industries, Inc. MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. MP6605C Datasheet HTML 10Page - MPS Industries, Inc. MP6605C Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
7
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
Quiescent Current vs. Supply
Voltage
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-50
0
50
100
TEMPERATURE ( C)
Quiescent Current vs.
Temperature
VIN=4.5V
VIN=24V
VIN=60V
0
100
200
300
400
500
600
-50
0
50
100
TEMPERATURE ( C)
R
DS(ON) vs. Temperature
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com