Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8986GECO/RV Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8986GECO/RV
Description  Multimedia DAC With Class D Headphone and Line Out
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8986GECO/RV Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8986GECO/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
Pre-Production
WM8986
w
PP, Rev 3.1, February 2007
59
GENERAL PURPOSE INPUT/OUTPUT
The WM8986 has one dual purpose input/output pin, CSB/GPIO1.
The GPIO1 function is provided for use as jack detection input or general purpose output.
The default configuration for the CSB/GPIO1 is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 34 illustrates the functionality of the GPIO1 pin when used as a general purpose output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000 = input (CSB / Jack detection:
depending on MODE setting)
001 = reserved
010 = Temp ok
011 = Amute active
100 = PLL clk output
101 = PLL lock
110 = logic 0
111 = logic 1
3
GPIO1POL
0
GPIO1 Polarity invert
0 = Non inverted
1 = Inverted
5:4
OPCLKDIV
00
PLL Output clock division ratio
00 = divide by 1
01 = divide by 2
10 = divide by 3
11 = divide by 4
6
GPIO1GPD
0
GPIO1 Internal pull-down enable:
0 = Internal pull-down disabled
1 = Internal pull-down enabled
7
GPIO1GPU
0
GPIO1 Internal pull-up enable:
0 = Internal pull-up disabled
1 = Internal pull-up enabled
R8 (08h)
GPIO
Control
8
GPIO1GP
0
GPIO1 Open drain enable
0 = Open drain disabled
1 = Open drain enabled
Table 34 CSB/GPIO Control
Note:
If MODE is set to 3 wire mode, CSB/GPIO1 is used as CSB input irrespective of the
GPIO1SEL[2:0] bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com