Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8986GECO/RV Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8986GECO/RV
Description  Multimedia DAC With Class D Headphone and Line Out
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8986GECO/RV Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8986GECO/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
Pre-Production
WM8986
w
PP, Rev 3.1, February 2007
63
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the DAC digital filters is in 64x oversampling mode. Under the
control of DACOSR128 the oversampling rate may be doubled. 64x oversampling results in a slight
decrease in noise performance compared to 128x but lowers the power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 37 DAC Oversampling Rate Selection
LOW POWER MODE
If only limited functionality is required, the WM8986 can be put into a low power mode. In this mode,
the DSP core runs at half of the normal rate, reducing digital power consumption of the core by half.
For DAC low power only, 3D enhancement with 2-Band equaliser functionality is permitted, where
only Band 1 (low shelf) and Band 5 (high shelf) can be used. .
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional Ctrl
8
M128ENB
0
0 = low power mode enabled
1 = low power mode disabled
Table 38 DSP Core Low Power Mode Control
The register settings for this low-power mode are detailed below. The device will not enter low power
unless in this register configuration, regardless of M128ENB.
For pop-free operation of the device it is recommended to change the M128ENB low power
functionality only when both DACs are disabled, i.e. when DACENL=0 and DACENR=0.
FUNCTION
REGISTER BITS
SETTING
DESCRIPTION
DAC low power
M128ENB
DACENL
DACENR
0
1
1
Either or both of DACENL and
DACENR must be set (mono or
stereo mode)
Table 39 DSP Core Low Power Mode Register Settings
VMID
The analogue circuitry will not operate unless VMID is enabled. The impedance of the VMID resistor
string, together with the decoupling capacitor on the VMID pin will determine the start-up time of the
VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
00= off (250kΩ VMID to AGND1)
01=75kΩ
10=300kΩ
11=5kΩ
Table 40 VMID Impedance Control
BIASEN
The analogue amplifiers will not operate unless BIASEN is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0 = disabled
1 = enabled
Table 41 Analogue Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com