Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8986GECO/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8986GECO/RV
Description  Multimedia DAC With Class D Headphone and Line Out
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8986GECO/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8986GECO/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8986GECO/RV Datasheet HTML 87Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
Pre-Production
WM8986
w
PP, Rev 3.1, February 2007
85
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 54 External Component Diagram
Notes:
1.
When operating LOUT2 and ROUT2 in class D mode, it is recommended that LC filtering is placed as close to the
LOUT2 and ROUT2 pins as possible. Low ESR components should be used for maximum efficiency. It is
recommended that a filter, consisting of a 33µH inductor and a 220nF capacitor, is used for optimal performance.
2.
The addition of ferrite beads to the outputs of LOUT2 and ROUT2 will suppress any potential interference noise
produced by the class D switching clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com