Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HEF4750V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4750V
Description  Frequency synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4750V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4750V Datasheet HTML 2Page - NXP Semiconductors HEF4750V Datasheet HTML 3Page - NXP Semiconductors HEF4750V Datasheet HTML 4Page - NXP Semiconductors HEF4750V Datasheet HTML 5Page - NXP Semiconductors HEF4750V Datasheet HTML 6Page - NXP Semiconductors HEF4750V Datasheet HTML 7Page - NXP Semiconductors HEF4750V Datasheet HTML 8Page - NXP Semiconductors HEF4750V Datasheet HTML 9Page - NXP Semiconductors HEF4750V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
January 1995
6
Philips Semiconductors
Product specification
Frequency synthesizer
HEF4750V
LSI
Fig.4 Phase characteristic of PC1.
PC1 is designed to have a high gain, typically 3200 V/cycle
(at 12,5 kHz). This enables a low noise performance.
Phase comparator 2
Phase comparator 2 (PC2) has a wide range, which
enables faster lock times to be achieved than otherwise
would be possible. It has a linear
± 360° phase range,
which corresponds to a gain of typically 5 V/cycle.
This digital phase comparator has three stable states:
• reset state,
• V’ leads R state,
• R leads V’ state.
Conversion from one state to another takes place
according to the state diagram of Fig.5.
Fig.5 State diagram of PC2.
Output PC2 produces positive or negative-going pulses
with variable width; they depend on the phase relationship
of R and V’. The average output voltage is a linear function
of the phase difference. Output PC2 remains in the high
impedance OFF-state in the region in which PC1 operates.
The resultant phase characteristic is shown in Fig.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com