Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HEF4750V Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4750V
Description  Frequency synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4750V Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4750V Datasheet HTML 6Page - NXP Semiconductors HEF4750V Datasheet HTML 7Page - NXP Semiconductors HEF4750V Datasheet HTML 8Page - NXP Semiconductors HEF4750V Datasheet HTML 9Page - NXP Semiconductors HEF4750V Datasheet HTML 10Page - NXP Semiconductors HEF4750V Datasheet HTML 11Page - NXP Semiconductors HEF4750V Datasheet HTML 12Page - NXP Semiconductors HEF4750V Datasheet HTML 13Page - NXP Semiconductors HEF4750V Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
January 1995
10
Philips Semiconductors
Product specification
Frequency synthesizer
HEF4750V
LSI
Output TCC voltage
with respect to
TCA input voltage
∆V
0
−−
0
−−
0
V
3,4,7
Output PC1 sink
current
IO
−−
1,1
−−
mA
3,4,8
Output PC1 source
current
−I
O
−−
1,0
−−
mA
3,4,9
Internal resistance
of PC1
output swing
≤ 200 mV
specified output range:
0,3 VDD to 0,7 VDD
Ri
−−
1,4
−−
k
3,4
Output PC1 voltage
with respect to
TCC input voltage
∆V
0
−−
0
−−
0
V
3,4,10
EOR generation
VEOR =VDD − VTCA
VEOR
0,9
−−
0,7
−−
0,6
V
3,4,11
Source current; HIGH
at VOUT = 12 VDD;
output in ramp mode
3,4
TCA
IO
−−
13
−−
mA
TCB
IO
−−
2,5
−−
mA
PARAMETER
SYMBOL
Tamb (°C
UNIT
NOTES
−40
+ 25
+ 85
MIN. TYP. MAX. MIN. TYP. MAX. MIN. TYP. MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com