Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOT840 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HTOT840
Description  HITAGTM Antenna Tuning Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTOT840 Datasheet(HTML) 5 Page - NXP Semiconductors

  HTOT840 Datasheet HTML 1Page - NXP Semiconductors HTOT840 Datasheet HTML 2Page - NXP Semiconductors HTOT840 Datasheet HTML 3Page - NXP Semiconductors HTOT840 Datasheet HTML 4Page - NXP Semiconductors HTOT840 Datasheet HTML 5Page - NXP Semiconductors HTOT840 Datasheet HTML 6Page - NXP Semiconductors HTOT840 Datasheet HTML 7Page - NXP Semiconductors HTOT840 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HTOT840
Rev. 1.1
1996-11-22
Htot840.doc/HS
Page 5 of 9
4.
Using the HITAG Antenna Tuning Device
The HITAG Antenna Tuning Device is a combined current- and phase measurement device. It
can be used for tuning HITAG long range as well as HITAG proximity antennas. Selection
between long range and proximity is done with the help of a switch.
The tuning device is connected between antenna and read/write device as described in the
following:
The cable with plug (DIN 41524) has to be connected to the read/write device, the antenna
cable is to be connected to the jack (DIN 41524) of the tuning device.
Adapters - if they are necessary - e.g. for connection of a proximity system, can be built up
very easily.
Pin assignment of the DIN connectors:
Pin 1: Ground
Pin 2: Rx (not used for long range antennas)
Pin 3: Tx
Moreover, the cable with one of the two DIN connectors (plugs) can be used to build up an
adapter.
After connection of the Antenna Tuning Device the operation mode (proximity or long range)
has to be chosen with the help of the switch.
Afterwards power supply and read/write device can be switched on.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com