Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOT840 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HTOT840
Description  HITAGTM Antenna Tuning Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTOT840 Datasheet(HTML) 8 Page - NXP Semiconductors

  HTOT840 Datasheet HTML 1Page - NXP Semiconductors HTOT840 Datasheet HTML 2Page - NXP Semiconductors HTOT840 Datasheet HTML 3Page - NXP Semiconductors HTOT840 Datasheet HTML 4Page - NXP Semiconductors HTOT840 Datasheet HTML 5Page - NXP Semiconductors HTOT840 Datasheet HTML 6Page - NXP Semiconductors HTOT840 Datasheet HTML 7Page - NXP Semiconductors HTOT840 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors - a worldwide company
Argentina: see South America
Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB,
Australia: 34 Waterloo Road, NORTHRYDE, NSW 2113,
Tel. +3140 27 82785, Fax +3140 27 88399
Tel. +612 9805 4455, Fax. +612 9805 4466
New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND,
Austria: Computerstraße 6, A-1101 WIEN, P.O.Box 213,
Tel. +649 849 4160, Fax. +649 849 7811
Tel. +431 60 101, Fax. +431 30 101 1210
Norway: Box 1, Manglerud 0612, OSLO,
Belarus: Hotel Minsk Business Centre, Bld. 3, r.1211, Volodarski Str. 6,
Tel. +4722 74 8000, Fax. +4722 74 8341
220050 MINSK, Tel. +375172 200 733, Fax. +375172 200 773
Philippines: Philips Semiconductors Philippines Inc.,
Belgium: see The Netherlands
106 Valero St. Salcedo Village, P.O.Box 2108 MCC, MAKATI,
Brazil: see South Africa
Metro MANILA, Tel. +632 816 6380, Fax. +632 817 3474
Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor,
Poland: Ul. Lukiska 10, PL 04-123 WARSZWA,
51 James Bourchier Blvd., 1407 SOFIA
Tel. +4822 612 2831, Fax. +4822 612 2327
Tel. +3592 689 211, Fax. +3592 689 102
Portugal: see Spain
Canada: Philips Semiconductors/Components,
Romania: see Italy
Tel. +1800 234 7381
Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW,
China/Hong Kong: 501 Hong Kong Industrial Technology Centre,
Tel. +7095 247 9145, Fax. +7095 247 9144
72 Tat Chee Avenue, Kowloon Tong, HONG KONG,
Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231,
Tel. +85223 19 7888, Fax. +85223 19 7700
Tel. +65350 2538, Fax. +65251 6500
Colombia: see South America
Slovakia: see Austria
Czech Republic: see Austria
Slovenia: see Italy
Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S,
South Africa: S.A. Philips Ltd., 195-215 Main Road Martindale,
Tel. +4532 88 2636, Fax. +4531 57 1949
2092 JOHANNESBURG, P.O.Box 7430 Johannesburg 2000,
Finland: Sinikalliontie 3, FIN-02630 ESPOO,
Tel. +2711 470 5911, Fax. +2711 470 5494
Tel. +3589 61 5800, Fax. +3589 61 580/xxx
South America: Rua do Rocio 220, 5th floor, Suite 51,
France: 4 Rue du Port-aux-Vins, BP 317, 92156 SURESNES Cedex,
04552-903 Sao Paulo, SAO PAULO - SP, Brazil,
Tel. +331 40 99 6161, Fax. +331 40 99 6427
Tel. +5511 821 2333, Fax. +5511 829 1849
Germany: Hammerbrookstraße 69, D-20097 HAMBURG,
Spain: Balmes 22, 08007 BARCELONA,
Tel. +4940 23 53 60, Fax. +4940 23 536 300
Tel. +343 301 6312, Fax. +343 301 4107
Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS,
Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM,
Tel. +301 4894 339/239, Fax. +301 4814 240
Tel. +468 632 2000, Fax. +468 632 2745
Hungary: see Austria
Switzerland: Allmendstraße 140, CH-8027 ZÜRICH,
India: Philips INDIA Ltd., Shivsagar Estate, A Block, Dr. Annie Besant Rd.
Tel. +411 488 2686, Fax. +411 481 7730
Worli, MUMBAI 400018, Tel. +9122 4938 541, Fax. +9122 4938 722
Taiwan: Philips Taiwan Ltd., 2330F, 66,
Indonesia: see Singapore
Chung Hsiao West Road, Sec. 1, P.O.Box 22978,
Ireland: Newstead, Clonskeagh, DUBLIN 14,
TAIPEI 100, Tel. +8862 382 4443, Fax. +8862 382 4444
Tel. +3531 7640 000, Fax. +3531 7640 200
Thailand: Philips Electronics (Thailand) Ltd.,
Israel: RAPAC Electronics, 7 Kehilat Saloniki St., TEL AVIV 61180,
209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260,
Tel. +9723 645 0444, Fax. +9723 649 1007
Tel. +662 745 4090, Fax. +662 398 0793
Italy: Philips Semiconductors, Piazza IV Novembre 3,
Turkey: Talapasa Cad. No. 5, 80640 GÜLTEPE/ISTANBUL,
20124 MILANO, Tel. +392 6752 2531, Fax. +392 6752 2557
Tel. +90212 279 2770, Fax. +90212 282 6707
Japan: Philips Bldg. 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108,
Ukraine: Philips Ukraine, 4 Patrice Lumumba Str., Blg. B, Floor 7,
Tel. +813 3740 5130,Fax. +813 3740 5077
252042 KIEV, Tel. +38044 264 2776, Fax. +38044 268 0461
Korea: Philips House, 260-199, Itaewon-dong, Yonsan-ku, SEOUL,
United Kingdom: Philips Semicond. Ltd., 276 Bath Road, Hayes,
Tel. +822 709 1412, Fax. +822 709 1415
MIDDLESEX UM3 5BX, Tel. +44181 7305000, Fax. +44181 754 8421
Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, Selangor,
United States: 811 Argues Avenue, SUNNYVALE, CA94088-3409,
Tel. +60 3750 5214, Fax. +603 757 4880
Tel. +1800 234 7381
Mexico: 5900 Gateway East, Suite 200, EL PASO, Texas 79905,
Uruguay: see South America
Tel. +9 5800 234 7381
Vietnam: see Singapore
Middle East: see Italy
Yugoslavia: Philips, Trg N. Pasica 5/v, 11000 BEOGRAD,
Tel. +38111 625 344, Fax. +38111 635 777
Philips Semiconductors, Mikron-Weg 1, A-8101 Gratkorn, Austria Fax: +43 / 3124 /
299 - 270
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications,
Internet:
http://www.semiconductors.philips.com
Building BE-p, P.O.Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax: +3140 27 24825
© Philips Electronics N.V. 1996
SCB52
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be
changed without any notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor
imply any license under patent- or other industrial or intellectual property rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com