Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOT840 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HTOT840
Description  HITAGTM Antenna Tuning Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTOT840 Datasheet(HTML) 3 Page - NXP Semiconductors

  HTOT840 Datasheet HTML 1Page - NXP Semiconductors HTOT840 Datasheet HTML 2Page - NXP Semiconductors HTOT840 Datasheet HTML 3Page - NXP Semiconductors HTOT840 Datasheet HTML 4Page - NXP Semiconductors HTOT840 Datasheet HTML 5Page - NXP Semiconductors HTOT840 Datasheet HTML 6Page - NXP Semiconductors HTOT840 Datasheet HTML 7Page - NXP Semiconductors HTOT840 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HTOT840
Rev. 1.1
1996-11-22
Htot840.doc/HS
Page 3 of 9
1.
General Remarks
For optimal performance HITAG antennas have to be tuned during production, respectively by
start-up or, for service purposes, during operation. The HITAG Antenna Tuning Device is a
very easy to handle and cost effective solution for the tuning of 125 kHz HITAG antennas.
The device is - besides the HITAG antenna training - the optimal complement for antenna
design. The HT OT840 therefore is an unrenouncable tool for everybody who designs,
produces or even uses HITAG antennas.
The HITAG Antenna Tuning Device can be used for tuning HITAG long range as well as
HITAG proximity antennas.
2.
Specifications
• temperature range:
0 .. 50°C
• protection class:
IP40
• precision at room temperature:
measuring current:
class 5
measuring phase:
class 10
• phase sensitivity:
± 50 parts of scale are ± 50° (for rough tuning of an
antenna with L
≈ 1 mH and Q ≈ 40.)
• connection:
three-pole DIN - connectors
30
-
cap
50
40
20 10
0
100
30
deg
ind
40
10
0
20
mA
+
50
200
300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com