Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TA32 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA32
Description  Voltage of motor 24V DC, 24V DC (PTC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA32 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA32 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Motor Speed (5000RPM, Duty cycle 10%)
Performance Data (24V DC Motor)
6.0
16.0
8.0
10.0
12.0
14.0
100
0
200
300
400
500
A
B
4.0
Speed vs. Load
Load (N)
0.1
0.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
100
400
300
500
A
B
Current vs. Load
Load (N)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com