Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TA32 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA32
Description  Voltage of motor 24V DC, 24V DC (PTC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA32 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA32 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TA32 is a head tilt motor for recliner applications. It can help with adjusting
the top head position which will make the end users with more pleasant using
experience.
General Features
Voltage of motor
24V DC, 24V DC (PTC)
Maximum load in push
500N
Maximum speed at full load
8.8mm/s (with 300N in a push condition)
Stroke
050 / 044 / 040 / 034 / 031 / 025 / 015mm
Minimum installation dimension
143mm
Color
Black or grey
Certificate
UL962
Product Segments
• Comfort Motion
TA32
series


Similar Part No. - TA32

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA320AP TRANSKO-TA320AP Datasheet
272Kb / 3P
Wireless, RF SAW Filter
Revision 0: August 2011
TA320AP1 TRANSKO-TA320AP1 Datasheet
273Kb / 3P
Wireless, RF SAW Filter
Revision 0: October 2007
logo
Beijing Yaohuadechang E...
TA3212W YHDC-TA3212W Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
TA32305FN TOSHIBA-TA32305FN Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
More results

Similar Description - TA32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
57mm Brushless DC Motor, 60W, 24V
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
80mm Brushless DC Motor, 100W, 24V
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
57mm Brushless DC Motor, 120W, 24V
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TBB2 TIMOTION-TBB2 Datasheet
193Kb / 3P
Discharging voltage 24V DC, 1.2A
20190729-F
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
Discharging voltage 24V DC, 4A
20230927-E
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com