Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TA32 Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # TA32
Description  Voltage of motor 24V DC, 24V DC (PTC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA32 Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

  TA32 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
TA32 Ordering Key Appendix
Functions for Limit Switches
Wire Definitions
CODE
Pin
1 (Green)
2 (Red)
3 (White)
4 (Black)
5 (Yellow)
6 (Blue)
1
extend (VDC+)
N/A
N/A
N/A
retract (VDC+)
N/A
3
extend (VDC+)
common
upper limit switch
N/A
retract (VDC+)
lower limit switch
1 = DIN 6P, 90° plug
2 = Tinned leads
3 = Small 01P, plug
Connector
B = Y cable (direct cut, no water proof, no anti - pull)
Cable length for direct cut system (mm)
CODE
L1
L2
L3
B
100
100
100
C
100
1000
400
D
100
2700
500
E
1000
100
100
F
100
600
1000
G
1500
1000
1000
H
100
100
1200
50
4
L2
L1
L3
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com