Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPHK-3002+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # TPHK-3002+
Description  Thru-Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TPHK-3002+ Datasheet(HTML) 2 Page - Mini-Circuits

  TPHK-3002+ Datasheet HTML 1Page - Mini-Circuits TPHK-3002+ Datasheet HTML 2Page - Mini-Circuits TPHK-3002+ Datasheet HTML 3Page - Mini-Circuits TPHK-3002+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thru-Line
CERAMIC
TPHK-3002+
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 2 OF 4
50Ω
DC to 30 GHz
Permanent damage may occur if any of these limits are exceeded
1.Measured on Mini-Circuits Test Board TB-TPHK-3002C+ with connectors and feedlines de-embedded.
ELECTRICAL SPECIFICATIONS1 AT 25°C
Parameter
F#
Frequency (GHz)
Min.
Typ.
Max.
Units
Passband
Insertion Loss
DC-F1
0.1-10
—
0.2
0.5
F1-F2
10-20
—
0.6
1
dB
F2-F3
20-30
—
1.3
2.0
Return Loss
DC-F1
0.1-10
—
20
—
dB
F1-F2
10-20
—
14
—
F2-F3
20-30
—
7
—
Parameter
Ratings
Operating Temperature
-55°C to 125°C
Storage Temperature
-55°C to 125°C
RF Power Input
1 W max.
MAXIMUM RATINGS
TYPICAL FREQUENCY RESPONSE
FUNCTIONAL SCHEMATIC
F2
FREQUENCY (MHz)
F1
F3
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com