Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPHK-3002+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # TPHK-3002+
Description  Thru-Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TPHK-3002+ Datasheet(HTML) 3 Page - Mini-Circuits

  TPHK-3002+ Datasheet HTML 1Page - Mini-Circuits TPHK-3002+ Datasheet HTML 2Page - Mini-Circuits TPHK-3002+ Datasheet HTML 3Page - Mini-Circuits TPHK-3002+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thru-Line
CERAMIC
TPHK-3002+
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 3 OF 4
50Ω
DC to 30 GHz
INPUT
1
OUTPUT
2
GROUND
3
PAD CONNECTIONS
OUTLINE DRAWING
Dimensions are in inches [mm]. Tolerances: 2Pl.±.01; 3Pl. ±.005
DEMO BOARD MCL P/N: TB-TPHK-3002C+
SUGGESTED PCB LAYOUT (PL-730)
PRODUCT MARKING: : F446



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com