Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPHK-3002+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # TPHK-3002+
Description  Thru-Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TPHK-3002+ Datasheet(HTML) 4 Page - Mini-Circuits

  TPHK-3002+ Datasheet HTML 1Page - Mini-Circuits TPHK-3002+ Datasheet HTML 2Page - Mini-Circuits TPHK-3002+ Datasheet HTML 3Page - Mini-Circuits TPHK-3002+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 4 OF 4
NOTES
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights
and benefits contained therein. For a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/terms/viewterm.html
Thru-Line
CERAMIC
TPHK-3002+
50Ω
DC to 30 GHz
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
100
0.02
41.80
1000
0.08
32.12
11000
0.19
30.66
12000
0.26
27.64
13000
0.26
23.70
14000
0.23
19.62
16000
0.39
18.50
18000
0.30
21.34
20000
0.36
23.40
22000
0.46
15.27
24000
0.77
10.07
26000
0.79
10.40
28000
0.50
14.38
30000
0.43
23.85
TYPICAL PERFORMANCE DATA AT 25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5000
10000 15000 20000 25000 30000
FREQUENCY (MHz)
TPHK-3002+
INSERTION LOSS
0
10
20
30
40
0
5000
10000 15000 20000 25000 30000
FREQUENCY (MHz)
TPHK-3002+
INPUT RETURN LOSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com