Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3237 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6G3237
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6G3237 Datasheet HTML 4Page - STMicroelectronics ST6G3237 Datasheet HTML 5Page - STMicroelectronics ST6G3237 Datasheet HTML 6Page - STMicroelectronics ST6G3237 Datasheet HTML 7Page - STMicroelectronics ST6G3237 Datasheet HTML 8Page - STMicroelectronics ST6G3237 Datasheet HTML 9Page - STMicroelectronics ST6G3237 Datasheet HTML 10Page - STMicroelectronics ST6G3237 Datasheet HTML 11Page - STMicroelectronics ST6G3237 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
ST6G3237
8/17
Table 6.
DC specifications
Symbol
Parameter
Test conditions
Value
Unit
VCCA
(V)
VCCB
(V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
VOH
(A port)
High level
output voltage
1.4-3.6
1.4-3.6
IOH = -100µA1.30
V
1.4
1.4
IOH = -1 mA
1.20
1.65
1.65
IOH = -2 mA
1.40
2.3
2.3
IOH = -4 mA
1.90
33
IOH = -8 mA
2.45
VOL
(A port)
Low level
output voltage
1.4-3.6
1.4-3.6
IOL = 100µA0.10
V
1.4
1.4
IOL = 1 mA
0.20
1.65
1.65
IOL = 2 mA
0.25
2.3
2.3
IOL = 4 mA
0.40
33
IOL = 8 mA
0.55
VOH
(B port)
High level
output voltage
1.4-3.6
1.4-3.6
IOH = -100µA1.30
V
1.4
1.4
IOH = -2 mA
1.25
1.65
1.65
IOH = -4 mA
1.45
2.3
2.3
IOH = -8 mA
1.90
33
IOH = -24 mA
2.45
VOL
(B port)
Low level
output voltage
1.4-3.6
1.4-3.6
IOL = 100µA0.10
V
1.4
1.4
IOL = 2 mA
0.15
1.65
1.65
IOL = 4 mA
0.20
2.3
2.3
IOL = 8 mA
0.30
33
IOL = 24 mA
0.55
IIA, IIB
Input leakage
current
2.7
3.6
VI = VCC or GND
±0.1
±1
µA
IOFF
Power OFF
leakage current
00
VIA = GND to 3.6
VIB = GND to 3.6
±1.0
±10
µA
ICCA
Quiescent
supply current
1.65
3.6
VIA = VCCA or GND
VIB = VCCB or GND
0.5
5
µA
1.80
2.9
2.5
3.6
3.0
3.0
ICCB
Quiescent
supply current
1.65
3.6
VIA = VCCA or GND
VIB = VCCB or GND
0.5
5
µA
1.80
2.9
2.5
3.6
3.0
3.0
IOZ
Leakage
current when
I/O are in
High-Z
3.6
3.6
VIOA = VCCA or
GND
±0.5
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com