Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3237 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6G3237
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 Datasheet(HTML) 1 Page - STMicroelectronics

  ST6G3237 Datasheet HTML 1Page - STMicroelectronics ST6G3237 Datasheet HTML 2Page - STMicroelectronics ST6G3237 Datasheet HTML 3Page - STMicroelectronics ST6G3237 Datasheet HTML 4Page - STMicroelectronics ST6G3237 Datasheet HTML 5Page - STMicroelectronics ST6G3237 Datasheet HTML 6Page - STMicroelectronics ST6G3237 Datasheet HTML 7Page - STMicroelectronics ST6G3237 Datasheet HTML 8Page - STMicroelectronics ST6G3237 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2007
Rev 1
1/17
17
Features
High speed:
–tPD = 4.4ns (Max.) at TA = 85°C
–VCCB = 3.0V
–VCCA = 2.3V
Low power dissipation:
–ICCA = ICCB = 5µA (Max.) at TA = 85°C
Balanced propagation delays:
–TPLH TPHL
Power down protections on inputs and outputs
26Ω series resistor on A-Side
Operating voltage range:
–VCCA (OPR) = 1.4V to VCCB
–VCCB (OPR) = 1.4V to 3.6V
Latch-up performance exceeds 500mA
(JESD17)
ESD performance:
– HBM > 2kV (MIL STD 883 method 3015);
ROHS compliant for µTFBGA25 package
Description
The ST6G3237 is a dual supply low voltage
CMOS Level Translator for SD/MiniSD/T-Flash
fabricated with sub-micron silicon gate and five-
layer metal wiring C2MOS technology. Designed
for use as an interface between a 3.3V bus and a
2.5V or 1.8V bus in a mixed 3.3V/1.8V, 3.3V/2.5V
and 2.5V/1.8V supply systems, it achieves high
speed operation while maintaining the CMOS low
power dissipation.
The A port is designed to track VCCA. The B port
is designed to track VCCB.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
CMD-dir/DATA0-dir/DAT123-dir inputs. The B-port
interfaces with the 3V bus, the A-port with the
2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them ±2kV ESD
immunity and transient excess voltage.
µTFBGA25
TSSOP20
ST6G3237
Dual supply level translator for SD/ MINISD / T-FLASH
www.st.com
Order codes
Part number
Package
Packaging
ST6G3237TTR
TSSOP20
Tape and reel
ST6G3237TBR
µTFBGA25
Tape and reel


Similar Part No. - ST6G3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
Dual supply level translator for SD/ MINISD / T-FLASH
14-Jun-2007
ST6G3237BTBR STMICROELECTRONICS-ST6G3237BTBR Datasheet
208Kb / 16P
Dual supply level translator for SD/ MINISD / T-FLASH
14-Jun-2007
More results

Similar Description - ST6G3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
SD, MMC & miniSD
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
22-Mar-2007
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
Dual supply level translator for SD/ MINISD / T-FLASH
14-Jun-2007
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
16-Aug-2006
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com