Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3237 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6G3237
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6G3237 Datasheet HTML 6Page - STMicroelectronics ST6G3237 Datasheet HTML 7Page - STMicroelectronics ST6G3237 Datasheet HTML 8Page - STMicroelectronics ST6G3237 Datasheet HTML 9Page - STMicroelectronics ST6G3237 Datasheet HTML 10Page - STMicroelectronics ST6G3237 Datasheet HTML 11Page - STMicroelectronics ST6G3237 Datasheet HTML 12Page - STMicroelectronics ST6G3237 Datasheet HTML 13Page - STMicroelectronics ST6G3237 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
ST6G3237
10/17
4.3
Output slew rate
4.4
Capacitance characteristics
Table 8.
Output slew rate (f = 1MHz, 50% duty cycle, CL = 30pF, RL = 500Ω)
Symbol
Parameter
From
To
VCCA = 1.8V ± 0.15V
VCCB = 3V ± 0.3V
Unit
Min.
Max.
tr
Rise time
20%
80%
3
ns
tf
Fall time
80%
20%
3
ns
Table 9.
Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB (V)
VCCA (V)
TA = 25 °C
Min.
Typ.
Max.
CINB
Input capacitance
Open
Open
5
pF
CI/O
Input/Output
capacitance
3.0
1.8
6
pF
CPD
(1)
1.
CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average current can be obtained by the
following equation. ICC(opr) - CPD x VCC x fIN + ICC/16 (per circuit)
Power dissipation
capacitance
3.0
2.5
f=10MHz
29
pF
3.0
1.8
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com