Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK111 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK111
Description  Low voltage 1:10 differential PECL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK111 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK111 Datasheet HTML 1Page - NXP Semiconductors PCK111 Datasheet HTML 2Page - NXP Semiconductors PCK111 Datasheet HTML 3Page - NXP Semiconductors PCK111 Datasheet HTML 4Page - NXP Semiconductors PCK111 Datasheet HTML 5Page - NXP Semiconductors PCK111 Datasheet HTML 6Page - NXP Semiconductors PCK111 Datasheet HTML 7Page - NXP Semiconductors PCK111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
PCK111
Low voltage 1:10 differential
PECL clock driver
2
2001 Sep 07
853-2281 27052
FEATURES
100 ps part-to-part skew typical
35 ps output-to-output skew typical
Differential design
V
BB output
Low voltage V
CC range of +2.375 V to +3.8 V for PECL
75 kΩ input pull-down resistors
ECL/PECL outputs
Form, fit, and function compatible with MC100EP111
DESCRIPTION
The PCK111 is a low skew 1-to-10 differential driver, designed with
clock distribution in mind. It accepts two clock sources into an input
multiplexer. The PECL input signals can be either differential or
single-ended if the VBB output is used. The selected signal is fanned
out to 10 identical differential outputs.
The PCK111 is specifically designed, modeled and produced with
low skew as the key goal. Optimal design and layout serve to
minimize gate-to-gate skew within a device, and empirical modeling
is used to determine process control limits that ensure consistent
tPD distributions from lot to lot. The net result is a dependable,
guaranteed low skew device.
To ensure that the tight skew specification is met, it is necessary that
both sides of the differential output are terminated into 50
Ω, even if
only one side is being used. In most applications, all ten differential
pairs will be used, and therefore terminated. In the case where fewer
than ten pairs are used, it is necessary to terminate at least the
output pairs on the same package side as the pair(s) being used on
that side, in order to maintain minimum skew. Failure to do this will
result in small degradations of propagation delay (on the order of
10–20 ps) of the output(s) being used, which, while not being
catastrophic to most designs, will mean a loss of skew margin.
The PCK111 can be used for high performance clock distribution in
+3.3 V or +2.5 V systems. Designers can take advantage of the
PCK111’s performance to distribute low skew clocks across the
backplane or the board. In a PECL environment, series or Thevenin
line terminations are typically used as they require no additional
power supplies.
The PCK111 may be driven single-endedly utilizing the VBB bias
output with the CLK0 input. If a single-ended signal is to be used,
the VBB pin should be connected to the CLK0 input and bypassed to
ground via a 0.01
µF capacitor. The VBB output can only source/sink
0.2 mA, therefore, it should be used as a switching reference for the
PCK111 only. Part-to-part skew specifications are not guaranteed
when driving the PCK111 single-endedly.
PINNING
Pin configuration
VBB
24
23
22
21
20
19
18
17
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
1
2
3
4
5
6
7
8
PCK111
SW00907
CLK_SEL
CLK0
CLK0
CLK1
CLK1
VEE
VCC
Figure 1. Pin configuration
Pin description
SYMBOL
PIN
DESCRIPTION
VCC
1
Supply voltage
CLK_SEL
2
Active clock select input
CLK0, CLK0
3, 4
Differential ECL/PECL input pair
VBB
5
VBB output
CLK1, CLK1
6, 7
Differential HSTL input pair
VEE
8
Ground
VCCO
9, 16, 25, 32
Output drive power supply
voltage
Q0–Q9
31, 29, 27, 24,
22, 20, 18, 15,
13, 11
Differential PECL outputs
Q0–Q9
30, 28, 26, 23,
21, 19, 17, 14,
12, 10
Differential PECL outputs
ORDERING INFORMATION
Type n mber
Package
Temperature
Type number
Name
Description
Version
p
range
PCK111BD
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
–40 to +70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com