Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK111 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK111
Description  Low voltage 1:10 differential PECL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK111 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK111 Datasheet HTML 1Page - NXP Semiconductors PCK111 Datasheet HTML 2Page - NXP Semiconductors PCK111 Datasheet HTML 3Page - NXP Semiconductors PCK111 Datasheet HTML 4Page - NXP Semiconductors PCK111 Datasheet HTML 5Page - NXP Semiconductors PCK111 Datasheet HTML 6Page - NXP Semiconductors PCK111 Datasheet HTML 7Page - NXP Semiconductors PCK111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product data
PCK111
Low voltage 1:10 differential
PECL clock driver
2001 Sep 07
3
LOGIC SYMBOL
SW00908
10
Q0:9
Q0:9
CLK0
CLK0
CLK1
CLK1
1
0
CLK_SEL
VBB
Figure 2. Logic symbol
FUNCTION TABLE
CLK_SEL
Active input
0
CLK0, CLK0
1
CLK1, CLK1
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
SYMBOL
PARAMETER
LIMITS
UNIT
VCC
Supply voltage
–0.5 to +4.6
V
ESDHBM
Electrostatic discharge (Human Body Model; 1.5 k
Ω, 100 pF)
>2
kV
ESDMM
Electrostatic discharge (Machine Model; 0 k
Ω, 200 pF)
>200
V
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
2.375
3.8
V
VIR
Receiver input voltage
VEE
VCC
V
Tamb
Operating ambient temperature range in free air
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com