Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK111 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK111
Description  Low voltage 1:10 differential PECL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK111 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK111 Datasheet HTML 1Page - NXP Semiconductors PCK111 Datasheet HTML 2Page - NXP Semiconductors PCK111 Datasheet HTML 3Page - NXP Semiconductors PCK111 Datasheet HTML 4Page - NXP Semiconductors PCK111 Datasheet HTML 5Page - NXP Semiconductors PCK111 Datasheet HTML 6Page - NXP Semiconductors PCK111 Datasheet HTML 7Page - NXP Semiconductors PCK111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product data
PCK111
Low voltage 1:10 differential
PECL clock driver
2001 Sep 07
4
DC ELECTRICAL CHARACTERISTICS
VCC = 0 V, Vee = –2.25 to –3.80 V
SYMBOL
PARAMETER
CONDITION
–40
°C
MIN
–40
°C
MAX
25
°C
MIN
25
°C
MAX
70
°C
MIN
70
°C
MAX
UNIT
IEE
Internal supply current
Absolute value of current
45
85
60
95
65
105
mA
ICC
Output and internal supply
current
All outputs terminated 50
Ω
to VCC = –2.0 V
270
360
290
380
300
380
mA
IIN
Input current
Includes pullup/pulldown
resistors
—
150
—
150
—
150
µA
VBB
Internal bias voltage
VEE = –3.0 to –3.80 V
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
VBB
Internal bias voltage
VEE = –2.25 to –2.75 V
–1.38
–1.16
–1.38
–1.16
–1.38
–1.16
V
VIH
Input HIGH voltage
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
V
VIL
Input LOW voltage
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
V
VPP
Input amplitude
Difference of input = VIH –
VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode voltage
Cross point of input =
average (VIH, VIL)
VEE +
1.0
–0.3
VEE +
1.0
–0.3
VEE +
1.0
–0.3
V
VOH
Output HIGH voltage
IOH = –30 mA
–1.3
–0.95
—
—
–1.2
0.90
V
VOL
Output LOW voltage
IOL = –5 mA
–1.85
–1.4
—
—
–1.90
–1.5
V
VOUTpp
Differential output swing
350
—
—
—
500
—
MV
NOTE:
1. VPP minimum and maximum required to maintain AC specifications. Actual device function will tolerate minimum VPP of 100 mV.
DC ELECTRICAL CHARACTERISTICS
VCC = 0 V, Vee = –2.25 to –3.80 V
SYMBOL
PARAMETER
CONDITION
–40
°C
MIN
–40
°C
MAX
25
°C
MIN
25
°C
MAX
70
°C
MIN
70
°C
MAX
UNIT
IEE
Internal supply current
Absolute value of current
45
85
60
95
65
105
mA
ICC
Output and internal supply
current
All outputs terminated 50
Ω
to VCC = –2.0 V
270
360
290
380
300
380
mA
IIN
Input current
Includes pullup/pulldown
resistors
—
150
—
150
—
150
µA
VBB
Internal bias voltage
VEE = –3.0 to –3.80 V
VCC
–1.38
VCC
–1.26
VCC
–1.38
VCC
–1.26
VCC
–1.38
VCC
–1.26
V
VBB
Internal bias voltage
VEE = –2.25 to –2.75 V
VCC
–1.38
VCC
–1.16
VCC
–1.38
VCC
–1.16
VCC
–1.38
VCC
–1.16
V
VIH
Input HIGH voltage
VCC
–1.165
VCC
–0.880
VCC
–1.16
VCC
–0.880
VCC
–1.16
VCC
–0.880
V
VIL
Input LOW voltage
VCC
–1.810
VCC
–1.475
VCC
–1.810
VCC
–1.475
VCC
–1.810
VCC
–1.475
V
VPP
Input amplitude
Difference of input = VIH –
VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode voltage
Cross point of input =
average (VIH, VIL)
1.0
VCC
–0.3
1.0
VCC
–0.3
1.0
VCC
–0.3
V
Vdif
Differential input voltage
Difference of input = VIH –
VIL
0.4
1.9
0.4
1.9
0.4
1.9
V
Vx
Input crossover voltage
Cross point of input =
average (VIH, VIL)
0.68
0.9
0.68
0.9
0.68
0.9
V
VOH
Output HIGH voltage
IOH = –30 mA
VCC
–1.30
VCC
–0.95
—
—
VCC
–1.20
VCC
–0.90
V
VOL
Output LOW voltage
IOL = –5 mA
VCC
–1.85
VCC
–1.40
—
—
VCC
–1.90
VCC
–1.50
V
VOUTpp
Differential output swing
350
—
—
—
500
—
MV
NOTE:
1. VPP minimum and maximum required to maintain AC specifications. Actual device function will tolerate minimum VPP of 100 mV.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com