Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA577 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA577
Description  Unity gain level programmable power compandor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA577 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA577 Datasheet HTML 1Page - NXP Semiconductors SA577 Datasheet HTML 2Page - NXP Semiconductors SA577 Datasheet HTML 3Page - NXP Semiconductors SA577 Datasheet HTML 4Page - NXP Semiconductors SA577 Datasheet HTML 5Page - NXP Semiconductors SA577 Datasheet HTML 6Page - NXP Semiconductors SA577 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
SA577
Unity gain level programmable low power compandor
1997 Nov 07
5
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.6V, TA = 25°C, R1=R3=7.15kΩ, R2=100kΩ, 0dB level = 100mV, Freq. = 1kHz
1.8
1.6
1.4
1.2
1
0.8
0.6
1234
5678
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs SUPPLY VOLTAGE
1.6
1.5
1.4
1.3
1.2
1.1
1
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT vs TEMPERATURE
AMBIENT TEMPERATURE (
°C)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
234
567
UNITY GAIN ERROR vs SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COMPRESSOR
EXPANDOR
NOTE: UNITY GAIN ERROR MAY BE
SET TO 0 AT ANY VCC BY
ADJUSTING THE VALUE OF R1, R3
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-40
-20
0
20
40
60
80
100
UNITY GAIN ERROR vs TEMPERATURE
TEMPERATURE (
°C)
COMPRESSOR
EXPANDOR
1
0.5
0
-0.5
-1
23
456
TRACKING ERROR vs INPUT LEVEL
INPUT LEVEL (dB)
COMPRESSOR
EXPANDOR
NOTE: RELATIVE
TO UNITY GAIN
0.5
0.4
0.3
0.2
0.1
-40
-20
0
20
40
60
80
100
THD vs TEMPERATURE
TEMPERATURE (
°C)
COMPRESSOR
EXPANDOR
SR00715
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com