Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA577 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA577
Description  Unity gain level programmable power compandor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA577 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA577 Datasheet HTML 1Page - NXP Semiconductors SA577 Datasheet HTML 2Page - NXP Semiconductors SA577 Datasheet HTML 3Page - NXP Semiconductors SA577 Datasheet HTML 4Page - NXP Semiconductors SA577 Datasheet HTML 5Page - NXP Semiconductors SA577 Datasheet HTML 6Page - NXP Semiconductors SA577 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
SA577
Unity gain level programmable low power compandor
2
1997 Nov 07
853-1535 18666
DESCRIPTION
The SA577 is a unity gain level programmable compandor designed
for low power applications. The SA577 is internally configured as an
expandor and a compressor to minimize external component count.
FEATURES
Operating voltage range: 1.8V to 7V
Low power consumption (1.4mA @ 3.6V)
0dB level programmable (10mV
RMS to 1.0VRMS)
Over 90dB of dynamic range
Wide input/output swing capability (rail-to-rail)
Low external component count
SA577 meets cellular radio specifications
ESD hardened
PIN CONFIGURATION
GCELLIN
RECTIN
EXPCAP
EXPOUT
VREF
GND
VCC
COMPCAP2
COMPIN
COMPCAP1
RECTIN
GCELLIN
COMPOUT
IREF
D Package
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SR00716
Figure 1. Pin Configuration
APPLICATIONS
High performance portable communications
Cellular radio
Cordless telephone
Consumer audio
Wireless microphones
Modems
Electric organs
Hearing aids
Automatic level control (ALC)
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA577D
SOT108-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
SYMBOL
PARAMETER
SA577
UNITS
VCC
Supply voltage
8
V
TA
Operating ambient temperature range
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
θJA
Thermal impedance
SO
125
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com