Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA577 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA577
Description  Unity gain level programmable power compandor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA577 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA577 Datasheet HTML 1Page - NXP Semiconductors SA577 Datasheet HTML 2Page - NXP Semiconductors SA577 Datasheet HTML 3Page - NXP Semiconductors SA577 Datasheet HTML 4Page - NXP Semiconductors SA577 Datasheet HTML 5Page - NXP Semiconductors SA577 Datasheet HTML 6Page - NXP Semiconductors SA577 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
SA577
Unity gain level programmable low power compandor
1997 Nov 07
3
ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 3.6VDC, compandor 0dB level = –20dBV = 100mVRMS, output load RL = 10kΩ, Freq = 1kHz, unless otherwise specified.
R1, R2 and R3 are 1% resistors.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA577
UNITS
MIN
TYP
MAX
VCC
Supply voltage1
2
3.6
7
V
ICC
Supply current
No signal
R2 = 100kΩ
1.4
2
mA
VREF
Reference voltage2
VCC = 3.6V
1.7
1.8
1.9
V
RL
Summing amp output load
10
k
THD
Total harmonic distortion
1kHz, 0dB, BW = 3.5kHz
0.25
1.5
%
ENO
Expandor output noise voltage
BW = 20kHz, RS = 0Ω
10
25
µV
0dB
Unity gain level
0dB at 1kHz
–1.5
0.18
1.5
dB
Programmable range3
R1 = R3 = 18.7k
Ω, R2 = 24.3kΩ
0
R1 = R3 = 22.6k
Ω, R2 = 100kΩ
–10
dBV
R1 = R3 = 7.15k
Ω, R2 = 100kΩ
–20
dBV
R1 = R3 = 1.33k
Ω, R2 = 200kΩ
–40
VOS
Output voltage offset
No signal
–150
1
150
mV
Expandor output DC shift
No signal to 0dB
–100
7
100
mV
Tracking error relative to 0dB output
-20dB expandor
–1.0
0.3
1.0
dB
Crosstalk, COMP to EXP
1kHz, 0dB, CREF = 10µF
–80
–65
dB
VO
Output swing low
0.2
V
VO
Output swing high
VCC – 0.2
V
NOTE:
1. Operation down to VCC = 1.8V is possible, see application note AN1762.
2. Reference voltage, VREF, is typically at 1/2 VCC.
3. Unity gain level can be adjusted CONTINUOUSLY between –40dBV = 10mVRMS and 0dBV = 1.0VRMS. For details see application note
AN1762.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com