Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXTH30N50L2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXTH30N50L2
Description  N-Channel MOSFET Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTH30N50L2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXTH30N50L2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 7Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 8Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISF1220
eq IXTH30N50L2
N-Channel MOSFET Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.25mA
500
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 500V, VGS= 0
--
--
50
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V,VDS= 0
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 0.25mA
2.5
--
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 20V, ID= 15A
--
--
215
mΩ
gFS
Forward Transconductance
VDS =10V, ID=15A
--
12
--
S
Ciss
Input Capacitance
VGS=0V,
VDS=25V,
f=1.0MHZ
--
6072
--
pF
Coss
Output Capacitance
--
632
--
Crss
Reverse Transfer Capacitance
--
109
--
Qg
Total Gate Charge
VDD=250V,
ID=24A,
VGS=0 to 10V
--
153
--
nC
Qgs
Gate-Source Charge
--
41
--
Qgd
Gate-Drain Charge
--
86
--
td(on)
Turn-on Delay Time
VDD=250V,
ID=12A,
VGS=10V
RG=25Ω
--
140
--
ns
tr
Turn-on Rise Time
--
480
--
td(off)
Turn-off Delay Time
--
190
--
tf
Turn-off Fall Time
--
162
--



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com