Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXTH30N50L2 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # IXTH30N50L2
Description  N-Channel MOSFET Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTH30N50L2 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  IXTH30N50L2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 7Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 8Page - Inchange Semiconductor Company Limited IXTH30N50L2 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ISF1220
eq IXTH30N50L2
N-Channel MOSFET Transistor
www.iscsemi.com
3
DRAIN - SOURCE BODY DIODE CHARACTERISTICS
Typical Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ISD
Continuous Source Current
TC=25℃
--
--
30
A
VSD
Diode Forward Voltage
IS=30A, VGS=0V
--
--
120
V
trr
Reverse Recovery Time
VGS=0V,
IF=25A,
diF/dt=100A/μs
--
830
--
ns
Qrr
Reverse Recovery Charge
--
0.95
--
uC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com