Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-40616 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # AMIS-40616
Description  LIN Transceiver with 5V Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-40616 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button AMIS-40616 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AMIS-40616
Data Sheet
LIN Transceiver with 5V Voltage Regulator
8.0 Electrical Characteristics
8.1 Definitions
All voltages are referenced to GND (Pin 13). Positive currents flow into the IC.
8.2 Absolute Maximum Ratings
Stresses above those listed in this clause may cause permanent device failure. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
Table 5: Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Vbb
Battery voltage on pin Vbb
(1)
-0.3
+45
V
Vcc
DC voltage on pin Vcc
0
+7
V
I_Vcc
Current delivered by the Vcc regulator
50
mA
V_LIN
LIN bus voltage
(2)
-40
+45
V
V_INH
DC voltage on inhibit pin
-0.3
Vbb + 0.3
V
V_WAKE
DC voltage on WAKE pin
-45
Vbb + 0.3
V
V_Dig_in
DC input voltage on pins TxD, RxD, EN, STB
-0.3
Vcc + 0.3
V
Tjunc
Maximum junction temperature
-40
+165
°C
Vesd
Electrostatic discharge voltage (pins LIN, INH, WAKE, and Vbb) system HBM
(3)
-8
+8
kV
Electrostatic discharge voltage (pins LIN, INH, WAKE, and Vbb) HBM
(4)
-4
+4
kV
Electrostatic discharge voltage (other pins) HBM
(4)
-2.0
+2.0
kV
Electrostatic discharge voltage; charge device model
(5)
-250
+250
V
Notes:
1.
The applied transients shall be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, 3b, and 5. The device complies with functional class C; class A can be
reached depending on the application and external components.
2.
The applied transients shall be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, and 3b. The device complies with functional class C; class A can be
reached depending on the application and external components.
3.
Equivalent to discharging a 150pF capacitor through a 330Ω resistor conform to IEC Standard 1000-4-2. The specified values are a target to be verified on first
prototypes. Based on the evaluation results, additional external protection components might be recommended to reach the specified system ESD levels.
4.
Equivalent to discharging a 100pF capacitor through a 1.5k Ω resistor conform to MIL STD 883 method 3015.7.
5.
Conform to EOS/ESD-DS5.3 (socket mode).
8.3 DC Characteristics
VBB = 6V to 26V; Tjunc = -40°C to +150°C; unless otherwise specified.
Table 6: DC Characteristics Supply
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Pins VBB and VCC
Ibb_ON
Supply current
Normal mode; LIN recessive
1
mA
Ibb_STB
Supply current
Stand-by mode, Vbb = 6 – 18V
60
µA
Ibb_SLP
Supply current
Sleep mode, Vbb = 6 – 18V
20
µA
Regulator output voltage
Normal mode, Vcc load 1mA-30mA
4.9
5.0
5.1
V
Regulator output voltage
Normal mode, Vcc load 0mA-50mA
4.83
5.0
5.17
V
Vcc_out
Regulator output voltage
Stand-by mode, Vcc load 0mA-50mA
4.8
5.0
5.2
V
Iout_max_cont
Maximum output current
Vbb = 16V; Tamb = 105°C
30
mA
Iout_max_conta
Maximum output current
Vbb = 26V; limited lifetime
30
mA
Iout_max_abs
Absolute maximum output current
Thermal shutdown can occur
50
mA
Iout_lim
Over-current limitation
50
150
mA
9
AMI Semiconductor – January 2007, M-20545-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com