Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-40616 Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # AMIS-40616
Description  LIN Transceiver with 5V Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-40616 Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button AMIS-40616 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 14Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 15Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 16Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 17Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AMIS-40616
Data Sheet
LIN Transceiver with 5V Voltage Regulator
Table 12: AC Characteristics LIN Receiver
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Pin LIN
Trec_prop_down
Propagation delay of receiver falling edge
0.1
6
µs
Trec_prop_up
Propagation delay of receiver rising edge
0.1
6
µs
Trec_sym
Propagation delay symmetry
Trec_prop_down - Trec_prop_up
-2
2
µs
50%
t
rec_prop_up
RxD
t
LIN
t
Vbb
PC20060428.3
60% Vbb
40% Vbb
t
rec_prop_down
Figure 9: LIN Receiver Timing
13
AMI Semiconductor – January 2007, M-20545-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com