Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-40616 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-40616
Description  LIN Transceiver with 5V Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-40616 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-40616 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-40616 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AMIS-40616
Data Sheet
LIN Transceiver with 5V Voltage Regulator
1.0 General Description
The AMIS-40616 is a full-featured local interconnect network (LIN) transceiver designed to interface between a LIN protocol controller
and the physical bus. The transceiver is implemented in AMI Semiconductor’s SmartPower, high-voltage, mixed-signal 0.35µm CMOS
technology enabling both high-voltage analog circuitry and digital functionality to co-exist on the same chip.
The AMIS-40616 LIN device is a member of AMI Semiconductor’s in-vehicle networking (IVN) transceiver family and integrates a LIN
v2.0 physical transceiver and a 5V voltage regulator. It is designed to work in harsh automotive environments and is certified to the
TS16949 qualification flow.
The LIN bus is designed to communicate low rate data from control devices such as door locks, mirrors, car seats, and sunroofs at the
lowest possible cost. The bus is designed to eliminate as much wiring as possible and is implemented using a single wire in each node.
2.0 Key Features
2.1 LIN-Bus Transceiver
• LIN compliant to specification revision 2.0 (backwards compatible to version 1.3) and J2602
• SmartPower, high-voltage, mixed-signal 0.35µ CMOS technology
• Bus voltage ± 45V
• Transmission rate up to 20kBaud
• SOIC 14 Green package
2.2 Protection
• Thermal shutdown
• Indefinite short-circuit protection of pins LIN and WAKE to supply and ground
• Load dump protection (45V)
• Bus pins protected against transients in an automotive environment
• ESD protection level for LIN, INH, WAKE, and Vbb up to ±8kV
2.3 EMI Compatibility
• Integrated slope control
2.4 Voltage Regulator
• Output voltage 5V / ~50mA
• Wake-up input
• Enable inputs for stand-by and sleep mode
• INH output for auxiliary purposes (switching of an external pull-up or resistive divider towards battery, control of an external voltage
regulator etc.)
2.5 Modes
• Normal mode: LIN communication with either low (up to 10kBaud) or normal slope
• Sleep mode: VCC is switched “off” and no communication on LIN bus
• Stand-by mode: VCC is switched “on” but there is no communication on LIN bus
• Wake-up bringing the component from sleep mode into standby mode is possible either by LIN command or digital input signal on
WAKE pin. Wake-up from LIN bus can also be detected and flagged when the chip is already in standby mode.
1
AMI Semiconductor – January 2007, M-20545-001
www.amis.com


Similar Part No. - AMIS-40616

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-40615 AMI-AMIS-40615 Datasheet
637Kb / 17P
LIN Transceiver with 3.3V Voltage Regulator
More results

Similar Description - AMIS-40616

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com