Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPR4 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A19360LUBATN-RPR4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPR4 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A19360LUBATN-RPR4 Datasheet HTML 1Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 2Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 3Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating section; potential between pin 1 and pin 2
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
175
°C
Storage Temperature
Tstg
–65 to 170
°C
Applied Magnetic Flux Density
B
In any direction
500
G
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Test Conditions
Value
Unit
Nominal Capacitance
CSUPPLY
Connected between pin 1 and pin 2 (refer to Figure 3)
2.2
nF
PINOUT DIAGRAM AND LIST
Figure 2: Package UB, Two-Pin SIP Pinout Diagram
Table 1: Pinout List
Pin Name
Pin Number
Function
VCC
1
Supply Voltage
GND
2
Ground
2
1
Package
CSUPPLY
VCC
VOUT = ICC × RL
CL
2
RL
Silicon
1
Figure 3: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com