Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPR4 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A19360LUBATN-RPR4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPR4 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A19360LUBATN-RPR4 Datasheet HTML 1Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 2Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 3Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
A19360-DS, Rev. 4
MCO-0001160
• High-resolution measurement for enhanced ADAS
accuracy, such as for automated parking
• GMR technology delivers high magnetic sensitivity for
large air gaps and low-jitter switching
• SolidSpeed Digital Architecture provides robust,
adaptive performance for high output accuracy and full-
pitch vibration immunity
• Integrated solution includes the IC and a protection
capacitor in a single overmolded package
• ISO 26262 ASIL B(D) with integrated diagnostics and
certified safety design process (pending assessment)
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
TheA19360 is a magnetic sensor integrated circuit (IC) that uses
giant magnetoresistance (GMR) technology to encode the speed
and direction of rotating ring magnets. Innovative algorithms
generate additional events per magnetic cycle while staying
robust to air-gap variation, to provide high-resolution rotational
data that can be used for accurate distance measurement. The
A19360 is compatible with standard ring magnets used in
automotive braking systems, and Allegro programs each IC
according to the characteristics of the magnet used.
The A19360 is available in two resolution options (4 or 8
events per cycle) and two protocol options (pulse width or AK
protocol). The four-eventAK protocol option uses 28 mAspeed
pulses for every event and operates continuously throughout
the full frequency range using standard bit truncation at higher
speeds. The eight-event AK protocol option uses 14 mA speed
pulses for high-resolution events and features an automatic
crossover to standard resolution at higher speeds, maximizing
the available bandwidth of the two-wire interface.
The A19360 was developed in accordance with ISO 26262
as a hardware safety element out of context, rated ASIL B(D)
(pending assessment) for use in automotive safety-related
systems when integrated and used in the manner prescribed
in the applicable safety manual and datasheet.
The A19360 is provided in a two-pin SIP package (suffix UB)
that is lead (Pb) free, with tin lead frame plating. The UB
package includes an IC and protection capacitor integrated
into a single overmolded package, with an additional molded
lead-stabilizing bar for robust shipping and ease of assembly.
PACKAGE:
Not to scale
FEATURES AND BENEFITS
DESCRIPTION
2-Pin SIP
(suffix UB)
April 25, 2024
Figure 1: Functional Block Diagram
VCC
GMR
Elements
Front-End
Amplifiers
+
–
+
–
Bias
Control
Bias
Control
Current
Source
Diagnostics
EEPROM
Digital
Controller
GND
ESD,
EMC
Voltage
Regulators
Voltage
Regulators
ADC
ADC
2
-


Similar Part No. - A19360LUBATN-RPR4

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
A193-450 CHAUVINARNOUX-A193-450 Datasheet
6Mb / 8P
Power and energy loggers, simultaneously
02/2021
A193-450 CHAUVINARNOUX-A193-450 Datasheet
3Mb / 12P
Power and Energy quality Analysers
04/2019
A193-800 CHAUVINARNOUX-A193-800 Datasheet
6Mb / 8P
Power and energy loggers, simultaneously
02/2021
A193-800 CHAUVINARNOUX-A193-800 Datasheet
3Mb / 12P
Power and Energy quality Analysers
04/2019
logo
Allegro MicroSystems
A19300 ALLEGRO-A19300 Datasheet
1Mb / 17P
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
September 26, 2022
More results

Similar Description - A19360LUBATN-RPR4

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
High Accuracy GMR Wheel Speed Sensor IC
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
ASIL-Compliant Wheel Speed Sensor IC
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
logo
Infineon Technologies A...
TLE5045IC-R050 INFINEON-TLE5045IC-R050 Datasheet
498Kb / 12P
High End GMR Wheel Speed Sensor, ASIL B(D)
Revision 1.0 2018-11-06
TLE5046IC INFINEON-TLE5046IC Datasheet
536Kb / 14P
High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
Revision 2.0 2020-06-30
logo
Allegro MicroSystems
A19351 ALLEGRO-A19351 Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
A19303 ALLEGRO-A19303 Datasheet
1Mb / 16P
Vibration-Tolerant High-Accuracy Hall-Effect Wheel Speed and Direction Sensor IC
March 9, 2023
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com