Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPR4 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A19360LUBATN-RPR4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPR4 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A19360LUBATN-RPR4 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 9Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 12Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 13Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 14Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The -xAx8 variant of the A19360 outputs air-gap indication (LM)
data on bits [5:7] if the generated pulse is a primary pulse. If the
generated pulse is a high-resolution (HR) pulse, bits [5:7] report
which HR pulse generated the output event.
The -xAx4 variant of the A19360 outputs air-gap indication (LM)
data on bits [5:7] on all generated pulses. HR data are unused.
The A19360 fulfills requirements according to the AK Protocol
specification “Requirement Specification for Standardized Inter-
face for Wheel Speed Sensors with Additional Information ‘AK-
Protokoll’” version 4.0, with some modifications, as discussed in
the sections that follow.
Description of AK Protocol
The AK word consists of 10 pulses—a single speed pulse, 8 data
bits, and a single parity bit. The speed pulse and data bit defini-
tions are described in Table 2.
AK Bit Definitions
LM/HR Data Bits Decoding
Bit
Number
Field
Abbr.
Coding
Post-Power-
On Default
Value
–
Speed Pulse
SP
ICC(HIGH) if primary or high-resolution pulse, ICC(MID) if
standstill pulse (-xAx4 variant)
–
ICC(HIGH) if primary pulse, ICC(MID) if high-resolution or
standstill pulse (-xAx8 variant )
–
0
Air Gap Reserve
LR
1 if BDIFF(pk-pk) < BLR(pk-pk), 0 otherwise
0
1
Status Mode
M
1 if running mode is not active, 0 otherwise
1
2
Primary Indication
PI
1 if primary or standstill pulse, 0 if high-resolution pulse
1
3
Direction Validity
GDR
1 if direction is valid, 0 otherwise
0
4
Direction
DR
1 if forward rotation, 0 if reverse rotation
0
5
Air Gap Indication or High-Resolution Pulse (LSB)
LM0/HR0
LM/HR LSB
0
6
Air Gap Indication or High-Resolution Pulse
LM1/HR1
LM/HR
0
7
Air Gap Indication of High-Resolution Pulse (MSB)
LM2/HR2
LM/HR MSB
0
8
Parity
P
1 if parity incl. parity bit is even, 0 otherwise
0
Table 2: Speed Pulse and Data Bit Definitions
Figure 13: Speed Pulse and Data Bits
0
1
2
3
4
5
6
7
8
Speed Pulse
Data Bits
ICC(LOW)
ICC(MID)
ICC(HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com