Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R200 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics ST25R200 Datasheet HTML 31Page - STMicroelectronics ST25R200 Datasheet HTML 32Page - STMicroelectronics ST25R200 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
5.14.3
Regulator configuration register
Address: 02h
Type: RW
Domain: PD
Table 8. Regulator configuration register
Bit Name Default
Function
Comment
7
regd2
0
Regulator target drop
Used for adjust regulators command (reg_s=0)
Target drop definition in 50 mV steps (see Table 9)
6
regd1
1
5
regd0
0
4
rege4
1
Regulator target voltage
Used when manual voltage setting is used
(reg_s=1)
External definition of regulated voltage in 80 mV
steps (see Table 10)
3
rege3
1
2
rege2
1
1
rege1
1
0
rege0
1
Table 9. Regulator target drop
regd<2:0>
Target drop (mV)
0
200
1
250
2
300
3
350
4
400
5
450
6
500
7
550
ST25R200
Application information
DS13658 - Rev 2
page 29/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com