Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R200 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 39Page - STMicroelectronics ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
5.14.19
Protocol register
Address: 12h
Type: RW
Domain: RD
Table 31. Protocol register
Bit
Name
Default
Function
Comment
7
rx_rate1
0
00: 106 kbit/s ISO14443A/B
26 kbit/s ISO15693
01: -
10: 53 kbit/s ISO15693
11: -
Receiver bit rate definition
6
rx_rate0
0
5
tx_rate1
0
00: 106 kbit/s ISO14443A/B
26 kbit/s 1 of 4 ISO15693
01: -
10: -
11: -
Transmitter bit rate definition
4
tx_rate0
0
3
om3
0
Operation mode/protocol (see Table 32)
-
2
om2
0
-
1
om1
0
-
0
om0
1
-
Table 32. Operating modes
om<3:0>
om3
om2
om1
om0
Mode
1
0
0
0
1
ISO14443A/NFC-A
2
0
0
1
0
ISO14443B/NFC-B
4
0
1
0
0
Topaz/T1T
5
0
1
0
1
ISO15693/NFC-V
Other combinations
RFU
ST25R200
Application information
DS13658 - Rev 2
page 43/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com