Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 4 Page - STMicroelectronics

  ST25R200 Datasheet HTML 1Page - STMicroelectronics ST25R200 Datasheet HTML 2Page - STMicroelectronics ST25R200 Datasheet HTML 3Page - STMicroelectronics ST25R200 Datasheet HTML 4Page - STMicroelectronics ST25R200 Datasheet HTML 5Page - STMicroelectronics ST25R200 Datasheet HTML 6Page - STMicroelectronics ST25R200 Datasheet HTML 7Page - STMicroelectronics ST25R200 Datasheet HTML 8Page - STMicroelectronics ST25R200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
2
Functional overview
2.1
Block diagram
The ST25R200 block diagram is shown in Figure 1.
Figure 1. Block diagram
Regulators
VDD_D
VDD_A
XTAL
OSCILLATOR
POR
Ref.
Bias
XTO
XTI
RC
OSCILLATOR
DIGITAL
SPI
FIFO (RAM)
256 Bytes
CONTROL
LOGIC
SPI
INTERFACE
RX
FRAMING
WAKE – UP
TIMER
LEVEL
SHIFTERS
VDD_IO
RESET
TX CODING
RX
Correlator
OTP
16 Bytes
Protocol timers
(MRT, NRT,
GPT)
VDD_AM
VDD AGD
Regulators
VDD_DR
VDD_AM
RECEIVER
848 kHz
ADC Dual
RFI1
RFI2
IRQ
TRANSMITTER
OOK mod
ASK mod
RFO1
RFO2
VDD_DR
GND_DR
GND_A
EMD
Registers
VDD_A
VDD_D
2.1.1
Transmitter
The transmitter incorporates the drivers, which drive the external antenna through pins RFO1 and RFO2. Both
single
‑ended and differential antenna configurations are supported. The transmitter block also generates the OOK
or AM modulation of the transmitted RF signal.
The transmitter can either operate RFO1 and RFO2 independently to drive up to two antennas in single-ended
configuration or operate RFO1 and RFO2 combined to drive one antenna in differential configuration. The drivers
are designed to directly drive antenna(s) integrated on the PCB as well as antennas connected with 50 Ω cables.
ST25R200
Functional overview
DS13658 - Rev 2
page 4/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com