Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8944J Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8944J Datasheet HTML 7Page - NXP Semiconductors TDA8944J Datasheet HTML 8Page - NXP Semiconductors TDA8944J Datasheet HTML 9Page - NXP Semiconductors TDA8944J Datasheet HTML 10Page - NXP Semiconductors TDA8944J Datasheet HTML 11Page - NXP Semiconductors TDA8944J Datasheet HTML 12Page - NXP Semiconductors TDA8944J Datasheet HTML 13Page - NXP Semiconductors TDA8944J Datasheet HTML 14Page - NXP Semiconductors TDA8944J Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
11 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
No bandpass filter applied.
Fig 12. Channel separation as function of frequency.
VCC = 12 V; Rs =0 Ω; Vripple = 707 mV (peak-to-peak); no bandpass filter applied.
Curves A: inputs short-circuited
Curves B: inputs short-circuited and connected to ground (asymmetrical application)
Fig 13. Supply voltage ripple rejection as function of frequency.
handbook, halfpage
0
−20
−40
−60
−80
−100
10
102
103
104
105
f (Hz)
α
cs
(dB)
MGL958
handbook, full pagewidth
SVRR
(dB)
102
103
104
105
10
f (Hz)
−20
0
−40
−60
−80
MGL956
CH2
B
A
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com