Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8944J Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8944J Datasheet HTML 10Page - NXP Semiconductors TDA8944J Datasheet HTML 11Page - NXP Semiconductors TDA8944J Datasheet HTML 12Page - NXP Semiconductors TDA8944J Datasheet HTML 13Page - NXP Semiconductors TDA8944J Datasheet HTML 14Page - NXP Semiconductors TDA8944J Datasheet HTML 15Page - NXP Semiconductors TDA8944J Datasheet HTML 16Page - NXP Semiconductors TDA8944J Datasheet HTML 17Page - NXP Semiconductors TDA8944J Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
14 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
14.1.2
Power supply decoupling
Proper supply bypassing is critical for low-noise performance and high supply voltage
ripple rejection. The respective capacitor locations should be as close as possible to
the device and grounded to the power ground. Proper power supply decoupling also
prevents oscillations.
For suppressing higher frequency transients (spikes) on the supply line a capacitor
with low ESR – typical 100 nF – has to be placed as close as possible to the device.
For suppressing lower frequency noise and ripple signals, a large electrolytic
capacitor – e.g. 1000
µF or greater – must be placed close to the device.
The bypass capacitor on the SVR pin reduces the noise and ripple on the midrail
voltage. For good THD and noise performance a low ESR capacitor is recommended.
Fig 15. Printed-circuit board layout (single-sided); components view.
idth
MGL951
ON
MUTE
220 nF
100 nF
1.5 nF
1000
µF
10
µF
220 nF
1
17
+−
IN2
IN2
+
IN1
IN1
+
OUT1
OUT1
+
OUT2
OUT2
+
VCC
GND
54 mm
56 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com