Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8944J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8944J Datasheet HTML 1Page - NXP Semiconductors TDA8944J Datasheet HTML 2Page - NXP Semiconductors TDA8944J Datasheet HTML 3Page - NXP Semiconductors TDA8944J Datasheet HTML 4Page - NXP Semiconductors TDA8944J Datasheet HTML 5Page - NXP Semiconductors TDA8944J Datasheet HTML 6Page - NXP Semiconductors TDA8944J Datasheet HTML 7Page - NXP Semiconductors TDA8944J Datasheet HTML 8Page - NXP Semiconductors TDA8944J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
3 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration.
handbook, halfpage
TDA8944J
MBK936
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
OUT1
GND1
VCC1
OUT1
+
n.c.
IN1
+
n.c.
IN1
IN2
MODE
SVR
IN2
+
n.c.
OUT2
+
GND2
VCC2
OUT2
Table 3:
Pin description
Symbol
Pin
Description
OUT1
1
negative loudspeaker terminal 1
GND1
2
ground channel 1
VCC1
3
supply voltage channel 1
OUT1
+
4
positive loudspeaker terminal 1
n.c.
5
not connected
IN1
+
6
positive input 1
n.c.
7
not connected
IN1
8
negative input 1
IN2
9
negative input 2
MODE
10
mode selection input (standby, mute, operating)
SVR
11
half supply voltage decoupling (ripple rejection)
IN2
+
12
positive input 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com