Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9875 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 9Page - NXP Semiconductors TDA9875 Datasheet HTML 10Page - NXP Semiconductors TDA9875 Datasheet HTML 11Page - NXP Semiconductors TDA9875 Datasheet HTML 12Page - NXP Semiconductors TDA9875 Datasheet HTML 13Page - NXP Semiconductors TDA9875 Datasheet HTML 14Page - NXP Semiconductors TDA9875 Datasheet HTML 15Page - NXP Semiconductors TDA9875 Datasheet HTML 16Page - NXP Semiconductors TDA9875 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
1998 Feb 13
13
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
6.2.1
LEVEL SCALING
All input channels to the digital crossbar switch (except for
the loudspeaker feedback path) are equipped with a level
adjust facility to change the signal level in a range of
±15 dB. It is recommended to scale all input channels to be
15 dB below full-scale (
−15 dB full-scale) under nominal
conditions.
6.2.2
NICAM PATH
The NICAM path has a switchable J17 de-emphasis.
6.2.3
FM (AM) PATH
A high-pass filter suppresses DC offsets from the
FM demodulator due to carrier frequency offsets and
supplies the monitor/peak function with DC values and an
unfiltered signal, e.g. for the purpose of carrier detection.
The de-emphasis function offers fixed settings for the
supported standards (50
µs, 60 µs, 75 µs and J17).
An adaptive de-emphasis is available for
Wegener-Panda 1 encoded programs.
A matrix performs the dematrixing of 1
2(L + R) and
R to L and R signals, of 1
2(L + R) and 12(L − R) to L and R
signals or of channel 1 and channel 2 to L and R signals.
6.2.4
NICAM AUTO-MUTE
If NICAM is received and the signal quality becomes poor,
the digital crossbar switch switches automatically to FM
and switches the matrix to channel 1. The automatic
switching between NICAM and channel 1 (FM or AM)
reception depends on the NICAM bit error rate.
The auto-mute function can be disabled via the I2C-bus.
6.2.5
MONITOR
This function provides data words from a number of
locations of the signal processing paths to the I2C-bus
interface (2 data bytes). Signal sources include the
FM demodulator outputs, most inputs to the digital
crossbar switch and the inputs to the loudspeaker channel
of the ADC. Source selection and data read-out is
performed via the I2C-bus.
Optionally, the peak value can be measured instead of
simply taking samples. The internally stored peak value is
reset to zero when the data is read via the I2C-bus.
The monitor function may be used, for example, for signal
level measurements or carrier detection.
6.2.6
LOUDSPEAKER (MAIN) CHANNEL
The matrix provides the following functions; forced mono,
stereo, channel swap, channel 1, channel 2 and spatial
effects.
There are fixed coefficient sets for spatial settings of 30%,
40% and 52%.
The Automatic Volume Level (AVL) function provides a
constant output level of
−23 dB full-scale for input levels
between 0 dBFS and
−29 dB full-scale. There are some
fixed decay time constants to choose from, i.e. 2, 4 and
8 seconds.
Pseudo stereo is based on a phase shift in one channel via
a 2nd-order all-pass filter. There are fixed coefficient sets
to provide 90 degrees phase shift at frequencies of
150, 200 and 300 Hz.
Volume is controlled individually for each channel ranging
from +24 dB to
−83 dB with 1 dB resolution. There is also
a mute position. For the purpose of a simple control
software in the microcontroller, the decimal number that is
sent as an I2C-bus data byte for volume control is identical
to the volume setting in dBs (e.g. the I2C-bus data
byte +10 sets the new volume value to +10 dB).
Balance can be realized by independent control of the left
and right channel volume settings.
Contour is adjustable between 0 dB and +18 dB with 1 dB
resolution.
Bass is adjustable between +15 dB and
−12 dB with 1 dB
resolution and treble is adjustable between
±12 dB with
1 dB resolution.
For the purpose of a simple control software in the
microcontroller, the decimal number that is sent as an
I2C-bus data byte for contour, bass or treble is identical to
the new contour, bass or treble setting in dBs (e.g. the
I2C-bus data byte +8 sets the new value to +8 dB).
Extra bass boost is provided up to 20 dB with 2 dB
resolution. The implemented coefficient set serves merely
as an example on how to use this filter.
The beeper provides tones in a range from approximately
400 Hz to 30 kHz. The frequency can be selected via the
I2C-bus. The beeper output signal is added to the
loudspeaker and headphone channel signals. The beeper
volume is adjustable with respect to full-scale between
0 dB and
−93 dB with a 3 dB step resolution. The beeper
is not effected by mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com